データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FN16479 データシート(PDF) 12 Page - Ledil, Inc.

部品番号 FN16479
部品情報  Stella Assembly
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16479 データシート(HTML) 12 Page - Ledil, Inc.

Back Button FN16479 Datasheet HTML 4Page - Ledil, Inc. FN16479 Datasheet HTML 5Page - Ledil, Inc. FN16479 Datasheet HTML 6Page - Ledil, Inc. FN16479 Datasheet HTML 7Page - Ledil, Inc. FN16479 Datasheet HTML 8Page - Ledil, Inc. FN16479 Datasheet HTML 9Page - Ledil, Inc. FN16479 Datasheet HTML 10Page - Ledil, Inc. FN16479 Datasheet HTML 11Page - Ledil, Inc. FN16479 Datasheet HTML 12Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12