データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAG6SP データシート(PDF) 19 Page - OSRAM GmbH

部品番号 LAG6SP
部品情報  Advanced Power TOPLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG6SP データシート(HTML) 19 Page - OSRAM GmbH

Back Button LAG6SP Datasheet HTML 14Page - OSRAM GmbH LAG6SP Datasheet HTML 15Page - OSRAM GmbH LAG6SP Datasheet HTML 16Page - OSRAM GmbH LAG6SP Datasheet HTML 17Page - OSRAM GmbH LAG6SP Datasheet HTML 18Page - OSRAM GmbH LAG6SP Datasheet HTML 19Page - OSRAM GmbH LAG6SP Datasheet HTML 20Page - OSRAM GmbH LAG6SP Datasheet HTML 21Page - OSRAM GmbH LAG6SP Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LA G6SP
19 Version 1.3 | 2018-02-01
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the LED specified in this
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from
these devices. As a matter of principle, however, it should be mentioned that intense light sources have a
high secondary exposure potential due to their blinding effect. As is also true when viewing other bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this LED contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize LED exposure to aggressive substances during storage, pro-
duction, and use. LEDs that showed visible discoloration when tested using the described tests above did
show no performance deviations within failure limits during the stated test duration. Respective failure limits
are described in the IEC60810.
For further application related informations please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22