| データシートサーチシステム |
|
S29GL032A データシート(PDF) 65 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL032A データシート(HTML) 65 Page - SPANSION |
|
65 / 88 page ![]() January 28, 2005 S29GLxxxA_00_A2 S29GLxxxA MirrorBit™ Flash Family 63 Advance Information Notes: 1. DQ5 switches to ‘1’ when an Embedded Program, Embedded Erase, or Write-to-Buffer operation has exceeded the maximum timing limits. Refer to the section on DQ5 for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 3. The Data# Polling algorithm should be used to monitor the last loaded write-buffer address location. 4. DQ1 switches to ‘1’ when the device has aborted the write-to-buffer operation. Table 27. Write Operation Status Status DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) DQ1 RY/ BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle N/A 0 Program Suspend Mode Program- Suspend Read Program-Suspended Sector Invalid (not allowed) 1 Non-Program Suspended Sector Data 1 Erase Suspend Mode Erase- Suspend Read Erase-Suspended Sector 1 No toggle 0 N/A Toggle N/A 1 Non-Erase Suspended Sector Data 1 Erase-Suspend-Program (Embedded Program) DQ7# Toggle 0 N/A N/A N/A 0 Write-to- Buffer Busy (Note 3) DQ7# Toggle 0 N/A N/A 0 0 Abort (Note 4) DQ7# Toggle 0 N/A N/A 1 0 |