| データシートサーチシステム |
|
SMM205NR30 データシート(PDF) 15 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMM205NR30 データシート(HTML) 15 Page - Summit Microelectronics, Inc. |
|
15 / 20 page ![]() SMM205 Preliminary Information Summit Microelectronics, Inc 2069 1.4 6/23/03 15 S T A R T W A C K Master Slave A C K Configuration Register Address = 42 HEX 0 100 00 10 0 10 10 1 0 1 S T O P Data = 55 HEX A C K A 2 Bus Address A 1 A 0 5 HEX Unlocks General Purpose EE 5 HEX Unlocks Configuration Registers Write Protection Register Address S A 3 S A 2 S A 1 S A 0 4 HEX 2 HEX Figure 9 – Write Protection Register Write S T A R T Bus Address W A C K M aster Slave A C K Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P Data A C K A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 Figure 10 – Configuration Register Byte Write S T A R T Bus Address W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S T O P M aster M aster Slave Slave A C K Data (16) Configuration Register Address C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (1) A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Data (2) A C K D 7 D 6 D 5 D 2 D 1 D 0 A C K A 2 A 1 A 0 S A 3 S A 2 S A 1 S A 0 Figure 11 – Configuration Register Page Write I2C PROGRAMMING INFORMATION (CONTINUED) |