| データシートサーチシステム |
|
AD5247BKS100-R2 データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5247BKS100-R2 データシート(HTML) 7 Page - Analog Devices |
|
7 / 20 page ![]() AD5247 TYPICAL PERFORMANCE CHARACTERISTICS CODE (Decimal) 0 –1.0 0 0.2 1.0 16 32 48 64 80 96 112 128 –0.8 –0.6 –0.4 –0.2 0.4 0.6 0.8 VDD = 2.7V VDD = 5.5V TA = 25°C RAB = 10kΩ Figure 2. R-INL vs. Code vs. Supply Voltages CODE (Decimal) 0 –0.5 –0.4 –0.3 –0.2 16 32 48 64 80 96 112 128 –0.1 0 0.1 0.2 0.3 0.4 0.5 VDD = 2.7V VDD = 5.5V TA = 25°C RAB = 10kΩ Figure 3. R-DNL vs. Code vs. Supply Voltages CODE (Decimal) 0 –0.25 0 0.05 0.25 16 32 48 64 80 96 112 128 –0.20 –0.15 –0.10 –0.05 0.10 0.15 0.20 VDD = 2.7V RAB = 10kΩ TA = –40°C TA = +25°C TA = +85°C TA = +125°C TA = –40°C TA = +25°C, +85°C, +125°C Figure 4. INL vs. Code vs. Temperature CODE (Decimal) 0 –0.25 –0.20 –0.15 –0.10 16 32 48 –0.05 0 0.05 0.10 0.15 0.20 0.25 64 80 96 112 128 TA = –40°C, +25°C, +85°C, +125°C –40°C +25°C +85°C +125°C VDD = 2.7V RAB = 10kΩ Figure 5. DNL vs. Code vs. Temperature CODE (Decimal) 0 –0.25 0 0.05 0.25 16 32 48 64 80 96 112 128 –0.20 –0.15 –0.10 –0.05 0.10 0.15 0.20 VDD = 2.7V VDD = 5.5V TA = 25°C RAB = 10kΩ Figure 6. INL vs. Code vs. Supply Voltages CODE (Decimal) 0 –0.25 0 0.05 0.25 16 32 48 64 80 96 112 128 –0.20 –0.15 –0.10 –0.05 0.10 0.15 0.20 TA = 25°C RAB = 10kΩ VDD = 2.7V VDD = 5.5V VDD = 2.7V VDD = 5.5V Figure 7. DNL vs. Code vs. Supply Voltages Rev. 0 | Page 7 of 20 |