| データシートサーチシステム |
|
AM29PL320DB70 データシート(PDF) 32 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29PL320DB70 データシート(HTML) 32 Page - SPANSION |
|
32 / 50 page ![]() 30 Am29PL320D October 2, 2003 Table 15. Write Operation Status Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See “DQ5: Exceeded Timing Limits” for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. Operation DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle Embedded Erase Algorithm 0 Toggle 0 1 Toggle Erase Suspend Mode Reading within Erase Suspended Sector 1 No toggle 0 N/A Toggle Reading within Non-Erase Suspended Sector Data Data Data Data Data Erase-Suspend-Program DQ7# Toggle 0 N/A N/A |