データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8610ARM-R2 データシート(PDF) 9 Page - Analog Devices

部品番号 AD8610ARM-R2
部品情報  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8610ARM-R2 データシート(HTML) 9 Page - Analog Devices

Back Button AD8610ARM-R2 Datasheet HTML 5Page - Analog Devices AD8610ARM-R2 Datasheet HTML 6Page - Analog Devices AD8610ARM-R2 Datasheet HTML 7Page - Analog Devices AD8610ARM-R2 Datasheet HTML 8Page - Analog Devices AD8610ARM-R2 Datasheet HTML 9Page - Analog Devices AD8610ARM-R2 Datasheet HTML 10Page - Analog Devices AD8610ARM-R2 Datasheet HTML 11Page - Analog Devices AD8610ARM-R2 Datasheet HTML 12Page - Analog Devices AD8610ARM-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. D
AD8610/AD8620
–9–
TIME – 400ns/DIV
VS =
13V
VIN p-p = 20V
AV =
1
RL = 2k
SR = 55V/ s
CL = 20pF
TPC 37. +SR at G = –1
TIME – 400ns/DIV
VS =
13V
VIN p-p = 20V
AV =
1
RL = 2k
SR = 50V/ s
CL = 20pF
TPC 38. –SR at G = –1
+
–
VIN
20V p-p
0
3
2
U1
+13V
–13V
2k
R4
2k
0
0
2k
R1
20k
R2
0
0
U2
5
6
7
V+
V–
V–
V+
CS(dB) = 20 log (VOUT / 10
VIN)
Figure 1. Channel Separation Test Circuit
FUNCTIONAL DESCRIPTION
The AD8610/AD8620 is manufactured on Analog Devices, Inc.’s
proprietary XFCB (eXtra Fast Complementary Bipolar) process.
XFCB is fully dielectrically isolated (DI) and used in conjunc-
tion with N-channel JFET technology and trimmable thin-film
resistors to create the world’s most precise JFET input amplifier.
Dielectrically isolated NPN and PNP transistors fabricated on
XFCB have FT greater than 3 GHz. Low TC thin film resistors
enable very accurate offset voltage and offset voltage tempco
trimming. These process breakthroughs allowed Analog Devices’
world class IC designers to create an amplifier with faster slew
rate and more than 50% higher bandwidth at half of the current
consumed by its closest competition. The AD8610 is uncondi-
tionally stable in all gains, even with capacitive loads well in
excess of 1 nF. The AD8610B achieves less than 100
µV of offset
and 1
µV/°C of offset drift, numbers usually associated with very
high precision bipolar input amplifiers. The AD8610 is offered in
the tiny 8-lead MSOP as well as narrow 8-lead SOIC surface-
mount packages and is fully specified with supply voltages from
±5 V to ±13 V. The very wide specified temperature range, up to
125
°C, guarantees superior operation in systems with little or no
active cooling.
The unique input architecture of the AD8610 features extremely
low input bias currents and very low input offset voltage. Low
power consumption minimizes the die temperature and maintains
the very low input bias current. Unlike many competitive JFET
amplifiers, the AD8610/AD8620 input bias currents are low even
at elevated temperatures. Typical bias currents are less than 200 pA
at 85
°C. The gate current of a JFET doubles every 10°C resulting
in a similar increase in input bias current over temperature.
Special care should be given to the PC board layout to minimize
leakage currents between PCB traces. Improper layout and
board handling generates leakage current that exceeds the bias
current of the AD8610/AD8620.
FREQUENCY – kHz
0
350
50
100
150
200
250
300
138
136
120
128
126
124
122
132
130
134
Figure 2. AD8620 Channel Separation Graph
Power Consumption
A major advantage of the AD8610/AD8620 in new designs is
the saving of power. Lower power consumption of the AD8610
makes it much more attractive for portable instrumentation and
for high-density systems, simplifying thermal management, and
reducing power supply performance requirements. Compare the
power consumption of the AD8610/AD8620 versus the OPA627
in Figure 3.
TEMPERATURE – C
8
7
6
5
4
3
2
–75
125
–50
–25
0
25
50
75
100
OPA627
AD8610
Figure 3. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20