| データシートサーチシステム |
|
DS2153Q データシート(PDF) 13 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2153Q データシート(HTML) 13 Page - Dallas Semiconductor |
|
13 / 52 page ![]() DS2153Q 13 of 52 TCR2: TRANSMIT CONTROL REGISTER 2 (Address=13 Hex) (MSB) (LSB) Sa8S Sa7S Sa6S Sa5S Sa4S - AEBE P16F SYMBOL POSITION NAME AND DESCRIPTION Sa8S TCR2.7 Sa8 Bit Select. Set to 1 to source the Sa8 bit from the TLINK pin; set to 0 to not source the Sa8 bit. Sa7S TCR2.6 Sa7 Bit Select. Set to 1 to source the Sa7 bit from the TLINK pin; set to 0 to not source the Sa7 bit. Sa6S TCR2.5 Sa6 Bit Select. Set to 1 to source the Sa6 bit from the TLINK pin; set to 0 to not source the Sa6 bit. Sa5S TCR2.4 Sa5 Bit Select. Set to 1 to source the Sa5 bit from the TLINK pin; set to 0 to not source the Sa5 bit. Sa4S TCR2.3 Sa4 Bit Select. Set to 1 to source the Sa4 bit from the TLINK pin; set to 0 to not source the Sa4 bit. - TCR2.2 Not Assigned. Should be set to 0 when written. AEBE TCR2.1 Automatic E-Bit Enable. 0=E-bits not automatically set in the transmit direction 1=E-bits automatically set in the transmit direction P16F TCR2.0 Function of Pin 16. 0=Receive Loss of Sync (RLOS) 1=Loss of Transmit Clock (LOTC) |