| データシートサーチシステム |
|
HCS370IP データシート(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS370IP データシート(HTML) 27 Page - Microchip Technology |
|
27 / 36 page ![]() 2002 Microchip Technology Inc. Preliminary DS41111D-page 27 HCS370 10.0 PACKAGING INFORMATION 10.1 Package Marking Information XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN 14-Lead PDIP (300 mil) Example 14-Lead SOIC (150 mil) XXXXXXXXXX YYWWNNN 14-Lead TSSOP (4.4 mm) XXXXXX Example Example HCS370 XXXXXXXXXXXXXX 9904NNN YYWW NNN HCS370 9904 NNN Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code, facility code, mask rev#, and assembly code. For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For SQTP devices, any special marking adders are included in SQTP price. XXXXXXXXXX HCS370 9904NNN XXXXXXXXXX |