データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM272M データシート(PDF) 9 Page - STMicroelectronics

部品番号 LM272M
部品情報  DUAL POWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM272M データシート(HTML) 9 Page - STMicroelectronics

Back Button LM272M Datasheet HTML 2Page - STMicroelectronics LM272M Datasheet HTML 3Page - STMicroelectronics LM272M Datasheet HTML 4Page - STMicroelectronics LM272M Datasheet HTML 5Page - STMicroelectronics LM272M Datasheet HTML 6Page - STMicroelectronics LM272M Datasheet HTML 7Page - STMicroelectronics LM272M Datasheet HTML 8Page - STMicroelectronics LM272M Datasheet HTML 9Page - STMicroelectronics LM272M Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SO16 NARROW PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.009
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45
° (typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.150
0.050
M
0.62
0.024
S8
° (max.)
L272
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10