| データシートサーチシステム |
|
TLE4998P8D データシート(PDF) 4 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4998P8D データシート(HTML) 4 Page - Infineon Technologies AG |
|
4 / 21 page ![]() TLE4998P8(D) Overview Data Sheet 4 Revision 1.1, 2017-01 1Overview Figure 1-1 SMD package PG-TDSO-8 for the TLE4998P8(D) 1.1 Features • Integration of two individual programmable Linear Hall sensor IC’s with PWM open-drain output signal • 20-bit Digital Signal Processing • Digital temperature and stress compensation • 12-bit overall resolution • Operating automotive temperature range -40°C to 125°C • Minimal drift of output signal over temperature and lifetime • Programmable parameters stored in EEPROM with single bit error correction: – PWM output frequency – Magnetic range, sensitivity (gain), offset, and polarity of the output slope – Bandwidth – Clamping levels – Customer temperature compensation coefficients for all common magnets • Re-programmable until memory lock • Supply voltage 4.5 - 5.5 V (4.1 - 16 V extended range) • Configurable magnetic range: ±50 mT, ±100 mT, or ±200 mT • Reverse-polarity and overvoltage protection for all pins • Output short-circuit protection • On-board diagnostics (overvoltage, EEPROM error) • Digital readout of the magnetic field and internal temperature in calibration mode • Programming and operation of multiple sensors with common power supply • Two-point calibration of magnetic transfer function without iteration steps Note: Product qualification is based on “AEC Q100 Rev. G” grade 1 (Automotive Electronics Council - Stress test qualification for integrated circuits) Characteristic Supply Voltage Supply Current Magnetic Range Interface Temperature Programmable Single/Dual Die Linear Hall Sensor 4.5~5.5 V 6 mA ±50mT ±100mT ±200mT PWM Open Drain Output -40°C to 125°C Table 1-1 Ordering Information Product Name Marking Ordering Code Package TLE4998P8 P8S SP000902772 single sensor, PG-TDSO-8-1 TLE4998P8D P8D SP000902776 dual sensor, PG-TDSO-8-2 |