| データシートサーチシステム |
|
DSOX4MASK データシート(PDF) 8 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX4MASK データシート(HTML) 8 Page - Keysight Technologies |
|
8 / 39 page ![]() 08 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet Mask/limit testing (option) Whether you are performing pass/fail tests to specified standards in manufacturing or testing for infrequent signal anomalies, mask/limit testing can be a valuable productivity tool (DSOX4MASK). The 4000 X-Series features powerful hardware- based mask testing and can perform up to 270,000 tests per second. You can select multiple test criteria, including the ability to run tests for a specific number of acquisitions, a specified time, or until detection of a failure. Figure 9. Mask testing evaluated > 22 M waveforms in just 2 minutes. Figure 10a. The 4000 X-Series was set up to capture data signals with various rise time edges. Using the search and navigation capability, the oscilloscope was able to find, mark (white triangles), and quickly navigate to 16 occurrences of “out of compliance” rise-time edges. Figure 11. Using the error condition search, the 4000 X-Series quickly found 5 places with a missing acknowledgment in an I²C serial bus. The navigation feature moves between the errors and zooms automatically to show the error packet. Search and navigation The parametric and serial bus search and navigation feature comes standard on the 4000 X-Series oscilloscopes. When you are capturing long, complex waveforms using an oscilloscope’s deep acquisition memory, manually scrolling through stored waveform data to find specific events of interest can be slow and cumbersome. With automatic search and navigation capability, you can easily set up specific search criteria and then quickly navigate to “found and marked” events. Available search criteria include edges, pulse width (time-qualified), rise/fall times (time-qualified), runt pulses (time-and level-qualified), frequency peaks (FFT function, threshold and excursion qualified), and serial bus frames, packets, and errors. Oscilloscope Experience Redefined: Experience the Speed (Continued) Figure 10b. The 4000 X-Series was set up to capture clock signals for FFT analysis. Using the search and navigation capability, the scope found, marked (white triangles) and quickly navigated to the first 11 frequency peaks occurrences. You can sort it in the order of frequency or amplitude. |