| データシートサーチシステム |
|
OV6630 データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OV6630 データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 29 page ![]() SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS March 4, 2000 Version 1.0 21 In the write cycle, the second byte in I 2C bus is the sub-address for selecting the individual on-chip registers, and the third byte is the data associated with this register. Writing to unimplemented sub-address is ignored. In the read cycle, the second byte is the data associated with the previous stored sub-address. Reading of unimplemented sub- address returns unknown. 3.2 Register Set The table below provides a list and description of available I 2C registers contained in the OV6630/OV6130 image sensor. |