データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N2764BU-059 データシート(PDF) 8 Page - Keysight Technologies

部品番号 N2764BU-059
部品情報  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 データシート(HTML) 8 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 4Page - Keysight Technologies N2764BU-059 Datasheet HTML 5Page - Keysight Technologies N2764BU-059 Datasheet HTML 6Page - Keysight Technologies N2764BU-059 Datasheet HTML 7Page - Keysight Technologies N2764BU-059 Datasheet HTML 8Page - Keysight Technologies N2764BU-059 Datasheet HTML 9Page - Keysight Technologies N2764BU-059 Datasheet HTML 10Page - Keysight Technologies N2764BU-059 Datasheet HTML 11Page - Keysight Technologies N2764BU-059 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
08 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
You need to be able to maximize
your margins by removing the
effects of cables and fixtures
As bandwidths continue to increase and
cable loss becomes more and more of a
problem, the Z-Series has the technology
to solve this issue. The Z-Series
oscilloscopes offer award-winning
PrecisionProbe Advanced technology.
You no longer need to ignore cable
loss because you are short on time or
budget. Using PrecisionProbe Advanced
technology, you can characterize cables
as fast as 63 GHz and remove the loss
they create. PrecisionProbe Advanced
technology gives you one of the world’s
fastest edges at less than 5 ps and
uses this edge to perform a TDT on
your cable. Based on the loss of your
cable, PrecisionProbe Advanced then
compensates your measurement system,
gaining back valuable margin typically lost
in cables.
You need to test multiple lanes
automatically and still maximize
margins
The Z-Series features many compliance
applications, which provide full automation
of any switch connected to your system.
The software is fully compatible with
PrecisionProbe Advanced compensation,
which allows you to characterize every
input using only your Z-Series oscilloscope
and then seamlessly automate every
measurement in your compliance
application. Save valuable time and
resources in such technologies as
DisplayPort and PCI Express® Gen3.
By analyzing cables you can increase your margins by removing insertion loss caused by cables.
The Network Analyzer — Time-Domain Transmission (TDT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44