データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F166 データシート(PDF) 53 Page - STMicroelectronics

部品番号 ST10F166
部品情報  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 データシート(HTML) 53 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 49Page - STMicroelectronics ST10F166 Datasheet HTML 50Page - STMicroelectronics ST10F166 Datasheet HTML 51Page - STMicroelectronics ST10F166 Datasheet HTML 52Page - STMicroelectronics ST10F166 Datasheet HTML 53Page - STMicroelectronics ST10F166 Datasheet HTML 54Page - STMicroelectronics ST10F166 Datasheet HTML 55Page - STMicroelectronics ST10F166 Datasheet HTML 56Page - STMicroelectronics ST10F166 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
ST10F166
53/62
AC Characteristics (Cont’d)
Figure 19. Ext. Memory Cycle: Demultiplexed Bus, With Read/Write Delay, Normal ALE
Data Out
Data In
Address
ALE
A17-A16
A15-A0
BHE
BUS
(D15-D8)
D7-D0
Read Cycle
RD
Write Cycle
t
5
t
16
t
17
t
6
t
26
t
28
t
18
t
20
t
14
t
12
t
22
t
24
t
12
t
8
t
8
BUS
(D15-D8)
D7-D0
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62