データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TFA3354 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 TFA3354
部品情報  Control and Monitoring IC for Electronic Ballasts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TFA3354 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  TFA3354 Datasheet HTML 1Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 2Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 3Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 6Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 7Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 8Page - List of Unclassifed Manufacturers TFA3354 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Functional Description
At the moment of current feeding at terminal VCC, the IC generates the supply voltage via backup capacitor
externally connected. As soon as an internal switching threshold of 7 V is reached, trigger pulses are delivered at
the output TR with a repetition instalment of 960 µs. After successful triggering of the oscillator circuit, an
oscillation detector guarantees blocking of further trigger pulses. It identifies a stable oscillating process, after a
minimum of oscillations is detected per timing.
As soon as a switching threshold of 8 V is reached, all logic units are reset and the timer output S is activated as
well. The IC starts a counter, which interrups the control after one second.
Furthermore, the IC monitors the temperature and the oscillation circuit from a supply voltage of 8 V.
The comparator input EI is useful for error detection. Voltage > 3.75 V, applied at EI, are evaluated as error
signals. The error signal is enqired and registered within a cycle repeating every 960 µs. After registration of the
error signal, a counter starts to generate a delay of one second. After this delay time, the voltage at EI is evaluated
again.
The error storage is set only after a second error, appearing within a directly following evaluation cycle. This error
storage is resettable by a short-time power supply disconnection, or with input LW connected via a change of
lamp.
The error storing causes the cutting further triggers and the control of the turn-off transistor as well, which turns
the output TR to ground. Therefore, the turn-off transistor prevents the control of the oscillator circuit, attenuating it
extremly quickly.
Thereby, the current consumption increases by the control of the turn-off transistor. This current amounts more
than 5 mA, that the supply voltage across the backup capacitor at pin VCC breaks down (because nominal current
feed is less 5 mA). With a switching threshold of 6 V, the control current of the turn-off transistor is switched off,
that enables the supply voltage to rise up to the limiting voltage. Because the trigger pulse gate, blocked by the
error memory, the oscillation can’t start again.
With error storing and attenuation of the oscillation by overtemperature it can be defined via selection of the
temperature mode, whether the oscillation is automatically triggered after cooling-down of the assembly, or only
after mains disconnection.
Pin Description
Pin 1
TM
Temperature mode selection
As soon as the chip temperature range of 95 °C to 115 °C is reached, the error storage is set. When input TM is
open, the error storing happens only after identification of an overtemperature and a second enquiry, delayed by
one second but showing the same result and causing attenuation of the oscillation.
The multiple enquiry reduces the possibility of coupling in distortions for temperatures in the close neighbourhood
of the temperature switching level.
A new start is only possible after turn-off the mains voltage.
When the input TM is connected to ground, the IC triggers the oscillation again after approximately 10 degrees
decreasing of the chip temperature. Please note, that no enquiry cycle is duty in this mode.
Pin 2
CT
Clock Generator
A clock generator delivers clock pulses of 10 µs pulse width and a repetition frequency of 33 kHz by means of
defined reversing charges of the ramp capacitor connected at pin CT with a nominal value of 82 pF.
All time lapses within the IC are derived from this clock. A variation of capacity of the external capacitor affects all
time responses except the trigger pulse width.
3
09/00
TFA3354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com