データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC35-R18K-RC データシート(PDF) 2 Page - Allied Components International

部品番号 AC35-R18K-RC
部品情報  Axial Coated Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLIED [Allied Components International]
ホームページ  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC35-R18K-RC データシート(HTML) 2 Page - Allied Components International

  AC35-R18K-RC Datasheet HTML 1Page - Allied Components International AC35-R18K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
40
40
40
40
40
40
40
30
30
30
20
Axial Coated Inductors
AC35
Allied
Part
Number
Inductance
(µH)
Tolerance
(%)
Q
Min
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max
(Ω)
Rated
Current
(mA)
All specifications subject to change without notice.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Revised 02/06/2017
AC35-122K-RC-__*
AC35-152K-RC-__*
AC35-182K-RC-__*
AC35-222K-RC-__*
AC35-272K-RC-__*
AC35-332K-RC-__*
AC35-392K-RC-__*
AC35-472K-RC-__*
AC35-562K-RC-__*
AC35-682K-RC-__*
AC35-822K-RC-__*
AC35-103K-RC-__*
*Use suffix AP for Ammo Pack
Use suffix TR for Tape & Reel
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
10
10
10
10
10
10
10
10
10
10
10
10
50
40
40
40
40
40
40
40
30
30
30
20
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
1.3
1.3
1.2
1.1
1.0
0.90
0.80
0.70
0.55
0.50
0.40
0.35
17
22
24
35
40
60
66
74
70
85
95
105
115
100
95
80
75
62
59
55
40
35
30
25



Html Pages

1 2