データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8846 データシート(PDF) 44 Page - Active-Semi, Inc

部品番号 ACT8846
部品情報  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 データシート(HTML) 44 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 36Page - Active-Semi, Inc ACT8846 Datasheet HTML 37Page - Active-Semi, Inc ACT8846 Datasheet HTML 38Page - Active-Semi, Inc ACT8846 Datasheet HTML 39Page - Active-Semi, Inc ACT8846 Datasheet HTML 40Page - Active-Semi, Inc ACT8846 Datasheet HTML 41Page - Active-Semi, Inc ACT8846 Datasheet HTML 42Page - Active-Semi, Inc ACT8846 Datasheet HTML 43Page - Active-Semi, Inc ACT8846 Datasheet HTML 44Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
44 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TQFN66-48 PACKAGE OUTLINE AND DIMENSIONS
E
D
D/2
E/2
A
A2
D2
E2
e
b
R
L
A1
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.032
0.036
A1
0.200 REF
0.008 REF
A2
0.000
0.000
0.050
0.002
b
0.150
0.250
0.006
0.010
D
6.00
0.24
E
6.00
0.24
D2
4.15
4.40
0.166
0.176
E2
4.15
4.40
0.166
0.176
e
0.400 BSC
0.016 BSC
L
0.300
0.500
0.012
0.020
R
0.300
0.012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44