データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPQ2325 データシート(PDF) 12 Page - Monolithic Power Systems

部品番号 MPQ2325
部品情報  24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2325 データシート(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ2325 Datasheet HTML 8Page - Monolithic Power Systems MPQ2325 Datasheet HTML 9Page - Monolithic Power Systems MPQ2325 Datasheet HTML 10Page - Monolithic Power Systems MPQ2325 Datasheet HTML 11Page - Monolithic Power Systems MPQ2325 Datasheet HTML 12Page - Monolithic Power Systems MPQ2325 Datasheet HTML 13Page - Monolithic Power Systems MPQ2325 Datasheet HTML 14Page - Monolithic Power Systems MPQ2325 Datasheet HTML 15Page - Monolithic Power Systems MPQ2325 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MPQ2325
– 24V, 3A, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ2325 Rev. 1.0
www.MonolithicPower.com
12
7/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the Typical Application on
page 1). The feedback resistor (R1) also sets
the feedback loop bandwidth with the internal
compensation capacitor. R2 can be calculated
with Equation (1):
OUT
R1
R2
V
1
0.8V
(1)
The T-type network is highly recommended
(see Figure 5).
Figure 5: T-Type Network
Table 1 lists the recommended T-type resistors
values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V) R1(kΩ) R2(kΩ) Rt (kΩ) L (µH) Cf (pF)
1
20.5
76.8
100
1.8
15
1.2
20.5
39.2
100
1.8
15
1.8
40.2
31.6
56
3.3
15
2.5
40.2
18.7
56
3.3
15
3.3
40.2
12.7
33
4.9
15
5
40.2
7.5
33
4.9
15
Selecting the Inductor
A 1µH to 22µH inductor with a DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For the highest efficiency, the inductor DC
resistance should be less than 15mΩ. For most
designs, the inductance value can be derived
from Equation (2):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(2)
Where
∆IL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (3):
2
I
I
I
L
LOAD
)
MAX
(
L
(3)
Under light-load conditions below 100mA, a
larger inductance is recommended for improved
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (4):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(4)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (5):
2
I
I
LOAD
1
C
(5)
For simplification, choose the input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high-quality,
ceramic
capacitor (i.e.:
0.1μF) should be placed as close
to the IC as possible. When using ceramic
capacitors, ensure that they have enough
capacitance to provide a sufficient charge to
prevent excessive voltage ripple at the input.
The
input
voltage
ripple
caused
by
the
capacitance can be estimated with Equation (6):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com