データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BBA02 データシート(PDF) 1 Page - BeRex Corporation

部品番号 BBA02
部品情報  40-6000 MHz BroadBand AMP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEREX [BeRex Corporation]
ホームページ  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 データシート(HTML) 1 Page - BeRex Corporation

  BBA02 Datasheet HTML 1Page - BeRex Corporation BBA02 Datasheet HTML 2Page - BeRex Corporation BBA02 Datasheet HTML 3Page - BeRex Corporation BBA02 Datasheet HTML 4Page - BeRex Corporation BBA02 Datasheet HTML 5Page - BeRex Corporation BBA02 Datasheet HTML 6Page - BeRex Corporation BBA02 Datasheet HTML 7Page - BeRex Corporation BBA02 Datasheet HTML 8Page - BeRex Corporation BBA02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
40-6000 MHz BroadBand AMP
BBA02
1
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• Gain = 15.6 dB @ 2140MHz
• OIP3 = 35.0 dBm @ 2140 MHz
• Output P1 dB = 23.2 dBm @ 2140 MHz
• N.F = 2.9dB @ 2140 MHz
• Internally matched to 50 ohms
• Lead-free/RoHS-compliant SOT-89 SMT package
The BBA02 is a BroadBand, GaAs E-pHEMT Ampli-
fier that is ideal for applications demanding high
linearity in a wideband of 40-6000 MHz. The
BBA02 is internally matched to 50 Ohms and re-
quires no external matching components. It is
available in RoHS-compliant SOT-89 SMT package.
These devices are 100% DC and RF tested to as-
sure quality and performance.
Product Description
Device Features
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA
• General Purpose Wireless
• IF amplifier, RF driver amplifier
Applications
Applications Circuit
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
Typical Performance
1
Absolute Maximum Ratings
Parameter
Frequency
Unit
70
900
2140
5800
MHz
3500
Gain
17.2
16.6
15.6
13.5
dB
14.5
S11
-13.6
-17.0
-15.7
-25.5
dB
-12.5
S22
-15.8
-22.0
-22.5
-28.0
dB
-24.5
OIP3
2
36.5
38.0
35.0
28.5
dBm
33.0
P1dB
22.6
23.1
23.2
17.2
dBm
21.2
LTE 20M ACLR
13.1
12.7
11.5
10.0
6.2
dBm
Noise Figure
2.8
2.4
2.9
5.2
dB
3.2
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+220
°C
Operating Voltage
+7
V
Supply Current
190
mA
Input RF Power
20
dBm
Operation of this device above any of these parameters may result in permanent damage.
BBA02
C1
L1
C3
C4
C2
RFin
RFout
+5V
2 OIP3 _ measured on two tones with a output power 5dBm/ tone , F2—F1 = 1 MHz.
BOM
@GHz
0.04~0.5
0.5~3.0
3.0~4.0
5.0~6.0
4.0~5.0
C1
1nF
100pF
10pF
10pF
10pF
C2
1nF
100pF
10pF
10pF
10pF
C3
100pF
100pF
100pF
100pF
100pF
C4
1nF
1nF
1nF
1nF
1nF
L1
470nH
39nH
15nH
4.7nH
8.2nH
Min.
Typical
Max.
Unit
Bandwidth
40
6000
MHz
Id @ (Vd = 5V)
76
90
103
mA
Vd
5.0
V
dG/dT
-0.004
dB/°C
RTH
53.5
°C/W
Operating Case Temperature
-40
+105
°C
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
*ACLR Channel Power measured at -50dBc.


同様の部品番号 - BBA02

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02 Datasheet
1Mb / 22P
40-8000 MHz BroadBand AMP
Rev. 6.4
BBA02 BEREX-BBA02_V01 Datasheet
1Mb / 22P
40-8000 MHz BroadBand AMP
Rev. 6.4
More results

同様の説明 - BBA02

メーカー部品番号データシート部品情報
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
Micronetics, Inc.
NMA2514-1T MICRONETICS-NMA2514-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
NMA2514-2T MICRONETICS-NMA2514-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
logo
Marki Microwave
INV-0040 MARKIMICROWAVE-INV-0040 Datasheet
391Kb / 4P
BROADBAND PULSE INVERTER (1 MHz to 40 GHz)
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com