| データシートサーチシステム |
|
LCWCRDP.EC データシート(PDF) 24 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LCWCRDP.EC データシート(HTML) 24 Page - OSRAM GmbH |
|
24 / 28 page ![]() 2013-06-15 24 Version 1.3 LCW CRDP.EC Transportation Packing and Materials Kartonverpackung und Materialien Dimensions of transportation box in mm (inch): Width / Breite Length / Länge Height / Höhe 195 ± 5 (7.677 ± 0.1968) 195 ± 5 (7.677 ± 0.1968) 30 ± 5 (1.181 ± 0.196) OHA02044 1 0 1 1 210 021 998 0 2 45 Packing Sealing label Barcode label M o is tu re L e v e l 3 F lo o r t im e 1 6 8 H o u rs M o is tu re L e v e l 6 F lo o r ti m e 6 H o u rs a ) H u m id it y In d ic a to r C a rd is > 1 0 % w h e n re a d a t 2 3 ˚C ± 5 ˚C , o r re fl o w , v a p o r- p h a s e re fl o w , o r e q u iv a le n t p ro c e s s in g (p e a k p a c k a g e 2 . A ft e r th is b a g is o p e n e d , d e v ic e s th a t w ill b e s u b je c te d to in fr a re d 1 . S h e lf lif e in s e a le d b a g : 2 4 m o n th s a t < 4 0 ˚ C a n d < 9 0 % re la ti v e h u m id it y ( R H ). M o is tu re L e v e l 5 a a t fa c to ry c o n d it io n s o f (i f b la n k , s e a l d a te is i d e n ti c a l w it h d a te c o d e ). a ) M o u n te d w it h in b ) S to re d a t b o d y te m p . 3 . D e v ic e s re q u ir e b a k in g , b e fo re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e v e l 1 M o is tu re L e v e l 2 M o is tu re L e v e l 2 a 4 . If b a k in g is re q u ir e d , b ) 2 a o r 2 b is n o t m e t. D a te a n d ti m e o p e n e d : re fe re n c e IP C /J E D E C J -S T D -0 3 3 fo r b a k e p ro c e d u re . F lo o r t im e s e e b e lo w If b la n k , s e e b a r c o d e la b e l F lo o r ti m e > 1 Y e a r F lo o r ti m e 1 Y e a r F lo o r ti m e 4 W e e k s 1 0 % R H . _ < M o is tu re L e v e l 4 M o is tu re L e v e l 5 ˚C ). O P T O S E M IC O N D U C T O R S M O IS T U R E S E N S IT IV E T h is b ag co n ta in s C A U T IO N F lo o r ti m e 7 2 H o u rs F lo o r ti m e 4 8 H o u rs F lo o r ti m e 2 4 H o u rs 3 0 ˚C /6 0 % R H . _ < L E V E L If b la n k , s e e b a r c o d e la b e l Barcode label |