データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFH7770 データシート(PDF) 22 Page - OSRAM GmbH

部品番号 SFH7770
部品情報  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 データシート(HTML) 22 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 14Page - OSRAM GmbH SFH7770 Datasheet HTML 15Page - OSRAM GmbH SFH7770 Datasheet HTML 16Page - OSRAM GmbH SFH7770 Datasheet HTML 17Page - OSRAM GmbH SFH7770 Datasheet HTML 18Page - OSRAM GmbH SFH7770 Datasheet HTML 19Page - OSRAM GmbH SFH7770 Datasheet HTML 20Page - OSRAM GmbH SFH7770 Datasheet HTML 21Page - OSRAM GmbH SFH7770 Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
SFH 7770
2011-09-16
22
Published by
OSRAM Opto Semiconductors GmbH
Leibnizstr. 4, D-93055 Regensburg
www.osram-os.com
© All Rights Reserved.
The information describes the type of component and shall not be considered as assured characteristics. Due to the
special conditions of the manufacturing processes of Sensor, the typical data or calculated correlations of technical
parameters can only reflect statistical figures. These do not necessarily correspond to the actual parameters of each
single product, which could differ from the typical data and calculated correlations or the typical characteristic line. If
requested, e.g. because of technical improvements, these typ. data will be changed without any further notice.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22