データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP8869W データシート(PDF) 4 Page - Monolithic Power Systems

部品番号 MP8869W
部品情報  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869W データシート(HTML) 4 Page - Monolithic Power Systems

  MP8869W Datasheet HTML 1Page - Monolithic Power Systems MP8869W Datasheet HTML 2Page - Monolithic Power Systems MP8869W Datasheet HTML 3Page - Monolithic Power Systems MP8869W Datasheet HTML 4Page - Monolithic Power Systems MP8869W Datasheet HTML 5Page - Monolithic Power Systems MP8869W Datasheet HTML 6Page - Monolithic Power Systems MP8869W Datasheet HTML 7Page - Monolithic Power Systems MP8869W Datasheet HTML 8Page - Monolithic Power Systems MP8869W Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
4
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C(5), typical value is tested at TJ = +25°C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
2.1
4
μA
Supply current (quiescent)
Iq
No switching, FB = 105%
Vref, PFM mode
420
600
μA
HS switch on resistance
HSRDS(ON) VBST - SW =3.3V
15
LS switch on resistance
LSRDS(ON) VCC = 3.3V
4.5
Switch leakage
SWLKG
VEN = 0V, VSW =12V,
TJ = +25°C
1
μA
Low-side valley current limit
ILIMIT_L
Adjustable by I2C
14
A
Low-side negative current limit
ILIMIT_LN
In forced PWM mode or
OVP state
-3
A
Low-side ZCD threshold
IZCD
TJ = +25°C
200
mA
Switching frequency
fSW1
VIN = 12V, VOUT = 1V
400
500
600
kHz
fSW2
VIN = 12V, VOUT = 5V
400
500
600
kHz
Minimum off time(6)
τOFF_MIN
185
ns
Minimum on time(6)
τON_MIN
VOUT = 0.6V
50
ns
Reference voltage
Vref
TJ = 25°C
594
600
606
mV
-40°C < TJ < 125°C (5)
591
600
609
FB current
IFB
VOUT = 620mV
10
50
nA
A0 voltage threshold 1
VADD_1
Set I2C address 60H
0.24
VCC
A0 voltage threshold 2
VADD_2
Set I2C address 62H
0.28
0.49
VCC
A0 voltage threshold 3
VADD_3
Set I2C address 64H
0.53
0.72
VCC
A0 voltage threshold 4
VADD_4
Set I2C address 66H
0.77
VCC
A0 to GND pull-down resistor
RA0_PD
2
MΩ
EN rising threshold
VEN_RISING
1.1
1.2
1.3
V
EN threshold hysteresis
VEN_HYS
110
mV
EN to GND pull-down resistor
REN
1.5
MΩ
VIN under-voltage lockout threshold
rising
INUVVth
2.7
2.8
2.92
V
VIN under-voltage lockout threshold
hysteresis
INUVHYS
300
mV
Power good UV threshold rising
PGVth-Hi Good
0.86
0.9
0.94
VOUT
Power good UV threshold falling
PGVth-
Lo
Fault
0.81
0.85
0.89
VOUT
Power good OV threshold rising
PGVth-Hi Fault
1.11
1.15
1.19
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com