データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VSC210 データシート(PDF) 2 Page - Vitesse Semiconductor Corporation

部品番号 VSC210
部品情報  IPMI Baseboard Management Controller Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VITESSE [Vitesse Semiconductor Corporation]
ホームページ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC210 データシート(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC210 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC210 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Applications
The VSC210 is an ideal Baseboard Management
Controller for server management applications.
The
VSC210 and related Software Development Kit (SDK)
implement the IPMI 1.0 specification for BMCs.
The
VSC210 may also be used in applications other than
IPMI through firmware modifications.
Architecture
System Level Integration (SLI) techniques were used to
create a complete system on a chip.
The VSC210 is
based on Vitesse’s proven architecture for enclosure
and platform management solutions.
It integrates an
embedded RISC processor, a flexible system interface,
memory and multiple peripheral interfaces to create an
embedded system for server platform management.
The VSC210 includes three, I
2C multi-master bus
controllers. These controllers may be used to interface
to off-the-shelf instrumentation and control devices
commonly
used
in
environmental
monitoring
and
management
applications
such
as
Vitesse's
SSC050/055 Backplane Controller. The controllers also
support
direct
connection
to
Intelligent
Platform
Management Buses (IPMB).
The VSC210 requires off chip memory for firmware code
storage.
Most applications will use flash memory
devices for non-volatile storage.
Static RAM may be
added
for
higher
performance
applications.
The
VSC210 has four external chip selects each with a one-
megabyte address range.
The VSC210 integrates three UARTs. One port may be
used as a firmware debug port.
A second port fully
implements the Intelligent Chassis Management Bus
(ICMB) defined by IPMI. A third, general purpose UART
is provided for maximum system design flexibility. The
Vitesse provided Software Development Kit includes
ROM Monitor and firmware download functionality via
the UARTs.
Software
The software designed to execute on the VSC210
determines the characteristics of the overall server
management
solution.
Most
server
management
applications will be unique to a customer's individual
product.
The VSC210 firmware architecture uses a
Personality Module with captures the unique functionality
required by a particular application. Vitesse provides a
Software Development Kit (SDK) to customers to assist
their development of their Personality Module.
The SDK includes software to implement KCS and
System Management Interface Chip (SMIC)
transport
and IPMI diagnostic environment. In addition, the SDK
also includes a System Services module with provides
APIs to the peripheral functionality (interrupts, timers
etc.) in the VSC210. The System Services also includes
driver libraries for popular I
2C devices such as National's
LM75, LM78, and many others.
For More Information:
http://www.vitesse.com
email:prodinfo@vitesse.com
TEL: 1-800-VITESSE
FAX: 805/987-5896
Vitesse Semiconductor Corporation reserves the right to make
changes in its products, specifications or other information at any time
without prior notice. Therefore the reader is cautioned to confirm that
this datasheet is current prior to placing any orders. The company
assumes no responsibility for any circuitry described other than
circuitry entirely embodied in a Vitesse product.
(Version 1.0)
© 2000 Vitesse Semiconductor Corporation, All Rights Reserved
IPMB
I2C Serial I/F
(x3)
Serial
ICE
General
Purpose
UART
External
Memory I/F
Timer
Interrupt
Controller
ICMB
UART
R3000 CPU
Bus
I/F
Unit
4KB SRAM
PLL
XBUS/LPC
Interface
Logic
KCS/SMIC
Control
Registers
KCS/SMIC
Control
Registers
KCS/SMIC
Control
Registers
System
Interface
Control
VSC210 Functional Block Diagram
Transport
Diagnostic Interface
Personality Module
System Services
SDK Firmware Block Diagram



Html Pages

1 2