| データシートサーチシステム |
|
MP6411GS データシート(PDF) 11 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP6411GS データシート(HTML) 11 Page - Monolithic Power Systems |
|
11 / 14 page ![]() MP6411―WINDOWED WATCHDOG TIMER MP6411 Rev. 1.1 www.MonolithicPower.com 11 1/24/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. Synchronized by WDI and triggered in closed window (MODE=1, long window mode) Note: When the WDI_OK rising edge that comes at WDO is low, the t6 timer will be reset. Therefore, in the situation above, the WDO reset signal maintains a t6+WDI_OK time. |