データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFS7534PbF データシート(PDF) 13 Page - Infineon Technologies AG

部品番号 IRFS7534PbF
部品情報  Brushed Motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFS7534PbF データシート(HTML) 13 Page - Infineon Technologies AG

Back Button IRFS7534PbF Datasheet HTML 5Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 6Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 7Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 8Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 9Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 10Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 11Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 12Page - Infineon Technologies AG IRFS7534PbF Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
2017-04-05
 
IRFB/S/SL7534PbF
†
Applicable version of JEDEC standard at the time of product release.
Qualification Information 
Qualification Level  
Industrial
(per JEDEC JESD47F) †
Moisture Sensitivity Level
TO-220
N/A
RoHS Compliant
Yes
D2Pak
MSL1
TO-262
N/A
Revision History
Date
Comments
11/5/2014
 Updated EAS (L =1mH) = 775mJ on page 2
 Updated note 10 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 39A, VGS =10V”. on page 2
 Updated package outline on page 9,10,11.
04/05/2017
 Changed datasheet with Infineon logo - all pages.
 Added disclaimer on last page.
 Modify Fig 10 on page 5.
Trademarks of Infineon Technologies AG
µHVIC™, µIPM™, µPFC™, AU-ConvertIR™, AURIX™, C166™, CanPAK™, CIPOS™, CIPURSE™, CoolDP™, CoolGaN™, COOLiR™, CoolMOS™, CoolSET™,
CoolSiC™, DAVE™, DI-POL™, DirectFET™, DrBlade™, EasyPIM™, EconoBRIDGE™, EconoDUAL™, EconoPACK™, EconoPIM™, EiceDRIVER™, eupec™, FCOS™,
GaNpowIR™, HEXFET™, HITFET™, HybridPACK™, iMOTION™, IRAM™, ISOFACE™, IsoPACK™, LEDrivIR™, LITIX™, MIPAQ™, ModSTACK™, my-d™, NovalithIC™,
OPTIGA™, OptiMOS™, ORIGA™, PowIRaudio™, PowIRStage™, PrimePACK™, PrimeSTACK™, PROFET™, PRO-SIL™, RASIC™, REAL3™, SmartLEWIS™, SOLID
FLASH™, SPOC™, StrongIRFET™, SupIRBuck™, TEMPFET™, TRENCHSTOP™, TriCore™, UHVIC™, XHP™, XMC™
Trademarks updated November 2015
Other Trademarks
All referenced product or service names and trademarks are the property of their respective owners.
Edition 2016-04-19
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2016 Infineon Technologies AG.
All Rights Reserved.
Do you have a question about this
document?
Email: erratum@infineon.com
Document reference
ifx1
IMPORTANT NOTICE
The information given in this document shall in no
event be regarded as a guarantee of conditions or
characteristics (“Beschaffenheitsgarantie”) .
With respect to any examples, hints or any typical
values stated herein and/or any information
regarding the application of the product, Infineon
Technologies hereby disclaims any and all
warranties and liabilities of any kind, including
without limitation warranties of non-infringement
of intellectual property rights of any third party.
In addition, any information given in this
document is subject to customer’s compliance
with its obligations stated in this document and
any applicable legal requirements, norms and
standards concerning customer’s products and
any use of the product of Infineon Technologies in
customer’s applications.
The data contained in this document is exclusively
intended for technically trained staff. It is the
responsibility
of
customer’s
technical
departments to evaluate the suitability of the
product for the intended application and the
completeness of the product information given in
this document with respect to such application.
For further information on the product, technology,
delivery terms and conditions and prices please
contact your nearest Infineon Technologies office
(www.infineon.com).
Please note that this product is not qualified
according to the AEC Q100 or AEC Q101 documents
of the Automotive Electronics Council.
WARNINGS
Due to technical requirements products may
contain dangerous substances. For information on
the types in question please contact your nearest
Infineon Technologies office.
Except as otherwise explicitly approved by Infineon
Technologies in a written document signed by
authorized
representatives
of
Infineon
Technologies, Infineon Technologies’ products
may not be used in any applications where a
failure of the product or any consequences of the
use thereof can reasonably be expected to result in
personal injury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com