データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPF-B0R3 データシート(PDF) 1 Page - Mini-Circuits

部品番号 LPF-B0R3
部品情報  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPF-B0R3 データシート(HTML) 1 Page - Mini-Circuits

  LPF-B0R3 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. A
M151121
EDR-9415U
LPF-B0R3+
URJ/RAV
170118
Page 1 of 1
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.25W Max
LPF-B0R3+
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
Features
• high rejection
• good VSWR, 1.1:1 typ. @ passband
• shielded case
• aqueous washable
Typical Frequency Response
Functional Schematic
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec.)
x
σ
0.03
0.29
0.01
28.67
0.03
1384.70
0.10
0.30
0.01
23.82
0.04
1361.83
0.20
0.35
0.01
26.16
0.06
1382.14
0.25
0.41
0.01
27.33
0.08
1341.45
0.30
0.50
0.02
25.27
0.10
1398.44
0.40
0.98
0.05
18.24
0.12
1411.94
0.44
1.72
0.20
20.55
0.14
1434.06
0.46
3.19
0.61
8.72
0.16
1482.90
0.48
6.54
1.17
3.63
0.18
1498.91
0.51
14.40
1.54
1.30
0.20
1541.11
0.56
29.92
1.76
0.57
0.22
1592.50
0.61
48.66
2.72
0.40
0.24
1646.40
1.00
46.91
0.36
0.18
0.25
1716.60
5.00
84.85
4.62
0.13
0.27
1764.39
10.00
88.96
3.00
0.14
0.29
1872.25
100.00
91.34
5.90
0.07
0.30
1928.42
500.00
79.98
7.69
0.23
0.32
2050.42
1000.00
66.18
1.40
0.80
0.35
2316.43
PASSBAND
fco, MHz
STOPBAND
VSWR (:1)
(MHz)
Nom.
(MHz)
Passband
Stopband
(Loss < 1.5dB)
(Loss 3dB)
(Loss > 20dB)
(Loss > 40dB)
Typ.
Typ.
DC - 0.3
0.46
0.56 - 0.61
0.61 - 1000
1.1
20
50Ω DC to 0.3 MHz
Low Pass Filter
Surface Mount
40 dB
20 dB
3 dB
1.5 dB
FREQUENCY / Fco
DC
0.8 1
1.2
1.4
3
40 dB
20 dB
1
20 dB
40 dB
DC
0.6 1
1.2
1.3
2174
FREQUENCY / fCO
CASE STYLE: HZ1198
RF IN
RF OUT
LPF-B0R3+
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
FREQUENCY (MHz)
LPF-B0R3+
RETURN LOSS
0
5
10
15
20
25
30
0
1
10
100
1000
FREQUENCY (MHz)
LPF-B0R3+
GROUP DELAY
1000
1250
1500
1750
2000
2250
2500
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
FREQUENCY (MHz)
INPUT
1
OUTPUT
2
GROUND
3, 4, 5, 6
Pin Connections
Applications
• CDMA
• cellular infrastructure
• wireless communications
• receivers / transmitters
Permanent damage may occur if any of these limits are exceeded.
Demo Board MCL P/N: TB-400+
Suggested PCB Layout (PL-247)
Outline Drawing
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
H
J
K
L
M
.472" .826" .220" .551" .118" .047" .078" .076" .142" .543" .078" .236"
11.99 20.98 5.59 14.00 3.00 1.19 1.98 1.92 3.61 13.79 1.98 5.99
N
P
Q
S
T
U
V
W
X
Y
wt
.079" .138" .162" .098" .096" .217" .067" .157" .866" .512"
grams
2.01 3.51 4.11 2.49 2.44 5.51 1.70 3.99 22.00 13.00
6.0
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


同様の部品番号 - LPF-B0R3

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LPF-B0R35 MINI-LPF-B0R35 Datasheet
375Kb / 1P
Low Pass Filter
LPF-B0R35+ MINI-LPF-B0R35+ Datasheet
375Kb / 1P
Low Pass Filter
More results

同様の説明 - LPF-B0R3

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com