データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPF-B0R35 データシート(PDF) 1 Page - Mini-Circuits

部品番号 LPF-B0R35
部品情報  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPF-B0R35 データシート(HTML) 1 Page - Mini-Circuits

  LPF-B0R35 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV. A
M151121
EDR-9416U
LPF-B0R35+
URJ/RAV
170119
Page 1 of 1
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.25W Max
LPF-B0R35+
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
Features
• high rejection
• good VSWR, 1.2:1 typ. @ passband
• shielded case
• aqueous washable
Typical Frequency Response
Functional Schematic
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec.)
x
σ
0.03
0.35
0.02
25.99
0.03
1272.71
0.10
0.33
0.01
18.77
0.05
1230.57
0.20
0.35
0.01
18.25
0.07
1227.66
0.30
0.39
0.01
31.07
0.09
1240.17
0.35
0.46
0.01
34.46
0.11
1244.48
0.39
0.54
0.01
32.08
0.13
1249.43
0.54
1.59
0.15
14.88
0.17
1279.00
0.57
3.62
0.56
5.68
0.20
1313.11
0.59
6.54
0.85
2.82
0.23
1366.08
0.62
12.51
1.01
1.20
0.25
1408.28
0.66
21.26
1.04
0.61
0.27
1438.54
0.70
29.95
1.08
0.44
0.30
1549.84
0.79
51.11
1.62
0.29
0.33
1579.06
1.00
64.18
1.23
0.20
0.35
1641.22
5.00
82.63
2.99
0.14
0.37
1695.07
100.00
91.19
6.08
0.07
0.40
1836.86
500.00
80.42
1.93
0.20
0.45
2152.05
1000.00
67.27
1.21
0.91
0.50
2816.55
PASSBAND
fco, MHz
STOPBAND
VSWR (:1)
(MHz)
Nom.
(MHz)
Passband
Stopband
(Loss < 1.5dB)
(Loss 3dB)
(Loss > 20dB)
(Loss > 40dB)
Typ.
Typ.
DC - 0.35
0.57
0.70 - 0.79
0.79 - 1000
1.2
20
50Ω DC to 0.35 MHz
Low Pass Filter
Surface Mount
Applications
• CDMA
• cellular Infrastructure
• wireless communications
• receivers / transmitters
40 dB
20 dB
3 dB
1.5 dB
FREQUENCY / Fco
DC
0.8 1
1.2
1.4
3
40 dB
20 dB
1
20 dB
40 dB
DC
0.6 1
1.2
1.4
1754
FREQUENCY / fCO
CASE STYLE: HZ1198
RF IN
RF OUT
LPF-B0R35+
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
FREQUENCY (MHz)
LPF-B0R35+
RETURN LOSS
0
5
10
15
20
25
30
35
0
1
10
100
1000
FREQUENCY (MHz)
LPF-B0R35+
GROUP DELAY
1000
1250
1500
1750
2000
2250
2500
2750
3000
0
0.1
0.2
0.3
0.4
0.5
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
INPUT
1
OUTPUT
2
GROUND
3, 4, 5, 6
Pin Connections
Demo Board MCL P/N: TB-400+
Suggested PCB Layout (PL-247)
Outline Drawing
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
H
J
K
L
M
.472" .826" .220" .551" .118" .047" .078" .076" .142" .543" .078" .236"
11.99 20.98 5.59 14.00 3.00 1.19 1.98 1.92 3.61 13.79 1.98 5.99
N
P
Q
S
T
U
V
W
X
Y
wt
.079" .138" .162" .098" .096" .217" .067" .157" .866" .512"
grams
2.01 3.51 4.11 2.49 2.44 5.51 1.70 3.99 22.00 13.00
6.0
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


同様の部品番号 - LPF-B0R35

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LPF-B0R3 MINI-LPF-B0R3 Datasheet
377Kb / 1P
Low Pass Filter
LPF-B0R3+ MINI-LPF-B0R3+ Datasheet
377Kb / 1P
Low Pass Filter
More results

同様の説明 - LPF-B0R35

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com