データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPF-B50 データシート(PDF) 2 Page - Mini-Circuits

部品番号 LPF-B50
部品情報  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPF-B50 データシート(HTML) 2 Page - Mini-Circuits

  LPF-B50 Datasheet HTML 1Page - Mini-Circuits LPF-B50 Datasheet HTML 2Page - Mini-Circuits LPF-B50 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Surface Mount
LPF-B50+
Applications
• Defence communications
• Transmitters / receivers
• Harmonic rejection
Electrical Specifications at 25°C
CASE STYLE: HZ1198
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to +100°C
RF Power Input
1 W max.
Permanent damage may occur if any of these limits are exceeded.
Features
• High rejection, 36 dB typical
• Sharp insertion loss roll-off
• Shielded case
• Aqueous washable
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 50 MHz
Low Pass Filter
0
20
40
LPF-B50+
INSERTION LOSS (Full band)
0.0
0.3
0.6
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
0.9
0
10
20
30
40
50
FREQUENCY (MHz)
100
1000
LPF-B50+
VSWR
1
10
0
500
1000
1500
2000
2500
3000
3500
FREQUENCY (MHz)
1.0
1.1
1.2
0
10
20
30
40
50
FREQUENCY (MHz)
0
20
LPF-B50+
INSERTION LOSS (Passband)
40
60
80
0
20
40
60
80
100
FREQUENCY (MHz)
35
40
45
LPF-B50+
GROUP DELAY
15
20
25
30
35
0
10
20
30
40
50
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-50
—
0.8
2
dB
Freq. Cut-Off
F2
55
—
3.5
—
dB
VSWR
DC-F1
DC-50
—
1.2
1.5
:1
Stop Band
Rejection Loss
F3-F4
65-3300
20
36
—
dB
VSWR
F3-F4
65-3300
—
18
—
:1
F1 F2
FREQUENCY (MHz)
F3
F4
DC
REV. A
M160153
BPF-B50+
EDR-10131AU
URJ/NY
161230
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1.0
0.09
1.03
1.00
15.67
14.0
0.18
1.09
5.00
15.67
30.0
0.28
1.10
10.00
15.83
40.0
0.41
1.07
13.00
16.09
50.0
0.73
1.10
15.00
16.28
54.0
1.40
1.50
18.00
16.74
55.0
2.21
2.14
20.00
17.09
56.0
3.95
3.57
23.00
17.61
57.0
6.86
6.30
25.00
18.06
59.0
14.69
14.03
28.00
18.83
62.0
27.08
21.20
30.00
19.53
65.0
39.46
24.83
33.00
20.75
71.0
67.01
30.49
35.00
21.75
75.0
70.91
33.42
38.00
23.51
100.0
68.31
54.29
40.00
24.95
500.0
73.95
217.15
43.00
27.73
1500.0
66.89
69.49
45.00
30.21
2000.0
68.96
49.64
47.00
33.54
3000.0
60.90
41.37
48.00
35.73
3300.0
45.95
31.60
50.00
41.43
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com