データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPF-B375 データシート(PDF) 1 Page - Mini-Circuits

部品番号 LPF-B375
部品情報  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPF-B375 データシート(HTML) 1 Page - Mini-Circuits

  LPF-B375 Datasheet HTML 1Page - Mini-Circuits LPF-B375 Datasheet HTML 2Page - Mini-Circuits LPF-B375 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• Good passband Insertion loss, 1 dB typical
• High rejection, 50 dB typical from 450-3000 MHz
• Fast roll-off
• Good VSWR, 1.3:1 typical in passband
• Miniature shielded package
Product Overview
The LPF-B375+ is a lowpass filter in a shielded package (size of 0.472" x 0.826" x .22") fabricated using SMT tech-
nology. Covering DC-375 MHz band width, these units offer good matching within the passband and high rejection.
This unit uses a miniature high Q capacitors and wire welded inductors for high reliability. In addition it has repeatable
performance across production lots and consistent performance across temperature.
Feature
Advantages
Low frequency and good passband
Insertion loss, 1 dB typical
Low insertion loss will be used in designs optimized for high performance applications.
Fast roll-off
Fast roll-off, this will attenuate frequencies closer to the passband with good rejection value of 72 dB.
Good ultimate rejection
This enables the filters to attenuate spurious signals and reject harmonics for broadband frequency.
Good VSWR, 1.3:1 typical in
passband
The model has very good return loss for this bandwidth and provides good interface when used with
others devices.
Key Features
LPF-B375+
50Ω
DC to 375 MHz
CASE STYLE: HZ1198
Low Pass Filter
Surface Mount


同様の部品番号 - LPF-B375

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LPF-B35 MINI-LPF-B35 Datasheet
358Kb / 3P
Low Pass Filter
LPF-B35+ MINI-LPF-B35+ Datasheet
358Kb / 3P
Low Pass Filter
More results

同様の説明 - LPF-B375

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com