| データシートサーチシステム |
|
MP5455GL データシート(PDF) 14 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP5455GL データシート(HTML) 14 Page - Monolithic Power Systems |
|
14 / 17 page ![]() MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS MP5455 Rev. 1.01 www.MonolithicPower.com 14 2/2/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. PCB Layout Guidelines (7) Efficient PCB layout is critical for stable operation. A 4-layer layout is recommended to achieve better thermal performance and simplify layout. For best results, refer to Figure 6 and follow the guidelines below. 1) Use short, wide, and direct traces in the high- current paths (VIN, VB, VBO, SW, STRG, and GND). 2) Place the decoupling capacitor across VB and GND as close as possible. 3) Place the decoupling capacitor across STRG and GND as close to the pins as possible. 4) Keep the switching node SW short and away from the feedback network. 5) Place the external feedback resistors next to FB. 6) Keep the BST voltage path (BST, C5, and SW) as short as possible. NOTE: 7) The corresponding schematic can be found on page 1. Note that the STRG bulk capacitors C7A and C7B are not shown in the schematic Top Layer Inner Layer 1 Inner Layer 2 Bottom Layer Figure 6: Recommended Layout |