データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BP-104-F データシート(PDF) 1 Page - OSRAM GmbH

部品番号 BP-104-F
部品情報  Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP-104-F データシート(HTML) 1 Page - OSRAM GmbH

  BP-104-F Datasheet HTML 1Page - OSRAM GmbH BP-104-F Datasheet HTML 2Page - OSRAM GmbH BP-104-F Datasheet HTML 3Page - OSRAM GmbH BP-104-F Datasheet HTML 4Page - OSRAM GmbH BP-104-F Datasheet HTML 5Page - OSRAM GmbH BP-104-F Datasheet HTML 6Page - OSRAM GmbH BP-104-F Datasheet HTML 7Page - OSRAM GmbH BP-104-F Datasheet HTML 8Page - OSRAM GmbH BP-104-F Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-03-30
1
2016-03-30
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.4
BP 104 F
Ordering Information
Features:
Especially suitable for applications of 950 nm
Short switching time (typ. 20 ns)
DIL plastic package with high packing density
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
Photointerrupters
Remote control
Type:
Photocurrent
Ordering Code
I
P [µA]
λ = 950 nm, E
e = 1 mW/cm
2,
V
R = 5 V
BP 104 F
34 (≥ 25)
Q62702P0084


同様の部品番号 - BP-104-F

メーカー部品番号データシート部品情報
logo
ams-OSRAM AG
BP-104-F AMSOSRAM-BP-104-F Datasheet
656Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.8 2020-02-14
logo
OSRAM GmbH
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
logo
ams-OSRAM AG
BP-104-FAS AMSOSRAM-BP-104-FAS Datasheet
1Mb / 19P
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.6 2024-12-17
logo
OSRAM GmbH
BP-104-FASR OSRAM-BP-104-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
logo
ams-OSRAM AG
BP-104-FASR AMSOSRAM-BP-104-FASR Datasheet
890Kb / 17P
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.3 2018-05-30
More results

同様の説明 - BP-104-F

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
BPW34FS OSRAM-BPW34FS Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW34FSR OSRAM-BPW34FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FASR OSRAM-BP-104-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FS OSRAM-BP-104-FS Datasheet
371Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW-34-F OSRAM-BPW-34-F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.5
BPW-34-FS OSRAM-BPW-34-FS Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW-34-FSR OSRAM-BPW-34-FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com