データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BPW-34-FAS データシート(PDF) 12 Page - OSRAM GmbH

部品番号 BPW-34-FAS
部品情報  Silicon PIN Photodiode with Daylight Filter; in SMT Version 1.4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW-34-FAS データシート(HTML) 12 Page - OSRAM GmbH

Back Button BPW-34-FAS Datasheet HTML 5Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 6Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 7Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 8Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 9Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 10Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 11Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 12Page - OSRAM GmbH BPW-34-FAS Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2016-03-31
12
Version 1.4
BPW 34 FAS
Glossary
1) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13