データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HFC0500 データシート(PDF) 5 Page - Monolithic Power Systems

部品番号 HFC0500
部品情報  Fixed Frequency Flyback Controller with Ultra-low No Load Power Consumption
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HFC0500 データシート(HTML) 5 Page - Monolithic Power Systems

  HFC0500 Datasheet HTML 1Page - Monolithic Power Systems HFC0500 Datasheet HTML 2Page - Monolithic Power Systems HFC0500 Datasheet HTML 3Page - Monolithic Power Systems HFC0500 Datasheet HTML 4Page - Monolithic Power Systems HFC0500 Datasheet HTML 5Page - Monolithic Power Systems HFC0500 Datasheet HTML 6Page - Monolithic Power Systems HFC0500 Datasheet HTML 7Page - Monolithic Power Systems HFC0500 Datasheet HTML 8Page - Monolithic Power Systems HFC0500 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
HFC0500 – FIXED-FREQUENCY FLYBACK CONTROLLER WITH ULTRA-LOW NO LOAD POWER CONSUMPTION
HFC0500 Rev. 1.1
www.MonolithicPower.com
5
7/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERICS
VCC=18V, TJ=-40°C ~ 125°C, Min & Max are guaranteed by characterization, typical is tested
under 25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Start-up Current Source (HV)
IHV_400
VCC= 12V,
VHV=400V
1.5
2.8
5
Supply Current from HV
IHV_120
VCC= 12V,
VHV=120V
1.5
2.7
5
mA
ILK_400
VCC increases to
18V then decreases
to 14V, VHV=400V
1
16
25
μA
Leakage Current from HV
ILK_200
VCC increases to
18V then decreases
to 14V, VHV=200V
1
13
22
μA
Break Down Voltage
VBR
TJ = 25
oC
700
790
V
Supply Voltage Management (VCC)
VCC Increasing Level at which the
Current Source Turns-Off
VCCOFF
12.5
15.5
18
V
VCC Decreasing Level above which Soft
Start Takes Place if HV>HVON
VCCSS
10.5
12
13
V
VCC Hysteresis for Brown-in Detection
VCCOFF -
VCCSS
1.35
3.5
V
VCC Decreasing Level at which the
Current Source Turns-On
VCCON
7.3
8.5
9.6
V
VCC UVLO Hysteresis
VCCOFF -
VCCON
5
7
V
VCC Re-charge Level when Protection
Takes Place
VCCPRO
4.9
5.5
6.2
V
VCC Decreasing Level at which the Latch
off Phase Ends
VCCLATCH
2.5
V
Internal IC Consumption
ICC
VFB=2V,CL=1nF,
VCC=12V
1.1
1.8
2.7
mA
Internal IC Consumption, Latch off Phase
ICCLATCH
VCC=VCCOFF-1V,
TJ=25℃
520
700
880
μA
Voltage on the VCC above which the
Controller Latches off (OVP)
VOVP
24
26.5
28.5
V
Blanking
Duration
on
the
OVP
Comparator
TOVP
60
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com