| データシートサーチシステム |
|
MP4001DS データシート(PDF) 2 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4001DS データシート(HTML) 2 Page - Monolithic Power Systems |
|
2 / 16 page ![]() MP4001 – UNIVERSAL INPUT HIGH BRIGHTNESS WLED DRIVER MP4001 Rev. 1.02 www.MonolithicPower.com 2 5/1/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. ORDERING INFORMATION Part Number* Package Top Marking MP4001DS SOIC8 MP4001 *For Tape & Reel, add suffix –Z (eg. MP4001DS-Z) For RoHS Compliant Packaging, add suffix –LF (eg. MP4001DS–LF–Z) PACKAGE REFERENCE ABSOLUTE MAXIMUM RATINGS (1) IN ................................................-0.5V to 500V VCC, DRIVE ...................................-0.3V to 11V DIM, BOS, CS, VS .........................-0.3V to 6.5V Continuous Power Dissipation (TA=25°C) (2) SOIC8………………………………………..1.3W Junction Temperature ...............................150°C Lead Temperature ....................................260°C Storage Temperature............... -55°C to +150°C Recommended Operating Conditions (3) IN Supply 50/60Hz AC RMS Voltage............................. 12V to 350V IN Supply DC Voltage ..................... 12V to 450V VCC , DRIVE……………………….-0.3V to 10.5V Operating Junct. Temp(TJ)...... –40°C to +125°C Thermal Resistance (4) θJA θJC SOIC8 .....................................96 ...... 45 ... C/W Notes: 1) Exceeding these ratings may damage the device. 2) The maximum allowable power dissipation is a function of the maximum junction temperature TJ (MAX), the junction-to- ambient thermal resistance θ JA, and the ambient temperature TA. The maximum allowable continuous power dissipation at any ambient temperature is calculated by PD (MAX) = (TJ (MAX)- TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. 3) The device is not guaranteed to function outside of its operating conditions. 4) Measured on approximately 1” square of 1 oz copper. |