| データシートサーチシステム |
|
MP157 データシート(PDF) 9 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP157 データシート(HTML) 9 Page - Monolithic Power Systems |
|
9 / 20 page ![]() MP157 –SMALLEST ENERGY EFFICIENT OFF-LINE REGULATOR WITH EXTENDED POWER RANGE MP157 Rev. 1.04 www.MonolithicPower.com 9 6/27/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2016 MPS. All Rights Reserved. PIN FUNCTIONS Pin # TSOT23-5 Pin# SOIC8 Name Description 1 1 VCC Power supply of all the control circuit. 2 2 FB Feedback of the regulator. 3,4 3,4 SOURCE Source of internal power MOSFET. Ground reference for VCC and FB pins. 5 7 DRAIN Drain of internal power MOSFET. Input of high voltage current source. 5,6,8 N/C Not connected. |