| データシートサーチシステム |
|
AD1585BRT-R2 データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1585BRT-R2 データシート(HTML) 3 Page - Analog Devices |
|
3 / 16 page ![]() –3– REV. D AD1582/AD1583/AD1584/AD1585 AD1583–SPECIFICATIONS AD1583A AD1583B AD1583C Parameter Min Typ Max Min Typ Max Min Typ Max Unit OUTPUT VOLTAGE (@ 25 °C) VO 2.970 3.000 3.030 2.997 3.000 3.003 2.994 3.000 3.006 V INITIAL ACCURACY ERROR (@ 25 °C) VOERR –30 +30 –3 +3 –6 +6 mV –1.0 +1.0 –0.1 +0.1 –0.20 +0.20 % OUTPUT VOLTAGE TEMPERATURE DRIFT 100 50 50 ppm/ °C TEMPERATURE COEFFICIENT (TCVO) –40 °C < T A < +125 °C40 100 18 50 18 50 ppm/ °C 0 °C < T A < 70 °C351515 ppm/ °C MINIMUM SUPPLY HEADROOM (VIN–VOUT) 200 200 200 mV LOAD REGULATION 0 mA < IOUT < 5 mA (–40 °C to +85°C) 0.25 0.25 0.25 mV/mA 0 mA < IOUT < 5 mA (–40 °C to +125°C) 0.45 0.45 0.45 mV/mA –5 mA < IOUT < 0 mA (–40 °C to +85°C) 0.40 0.40 0.40 mV/mA –5 mA < IOUT < 0 mA (–40 °C to +125°C) 0.6 0.6 0.6 mV/mA –0.1 mA < IOUT < +0.1 mA (–40 °C to +85°C) 2.9 2.9 2.9 mV/mA –0.1 mA < IOUT < +0.1 mA (–40 °C to +125°C) 3.7 3.7 3.7 mV/mA LINE REGULATION VOUT 200 mV < VIN < 12 V IOUT = 0 mA 25 25 25 µV/V RIPPLE REJECTION ( ∆V OUT/ ∆V IN) VIN = 5 V ± 100 mV (f = 120 Hz) 80 80 80 dB QUIESCENT CURRENT 70 70 70 µA SHORT-CIRCUIT CURRENT TO GROUND 15 15 15 mA NOISE VOLTAGE (@ 25 °C) 0.1 Hz to 10 Hz 85 85 85 µV p-p 10 Hz to 10 kHz 60 60 60 µV rms TURN-ON SETTLING TIME TO 0.1% CL = 0.2 µF 120 120 120 µs LONG-TERM STABILITY 1000 Hours @ 25 °C 100 100 100 ppm/1000 hrs. OUTPUT VOLTAGE HYSTERESIS 115 115 115 ppm TEMPERATURE RANGE Specified Performance (A, B, C) –40 +125 –40 +125 –40 +125 °C Operating Performance (A, B, C) –55 +125 –55 +125 –55 +125 °C Specifications subject to change without notice. (@ TA = TMIN to TMAX, VIN = 5 V, unless otherwise noted.) |