| データシートサーチシステム |
|
RBO40 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RBO40 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 10 page ![]() RBO40-40G / RBO40-40T 4/10 PRODUCT DESCRIPTION 1 2 3 The RBO has 3 functions integrated on the same chip. D1 : “Diode function” in order to protect against reversed battery operation. T2 : “Transil function” in order to protect against positive surge generated by electric systems (ignition, relay. ...). T1 : Protection for motor drive application (See below). BASIC APPLICATION * The monolithic multi-function protection (RBO) has been developed to protect sen- sitive semiconductors in car electronic modules against both overvoltage and battery reverse. * In addition, the RBO circuit prevents overvoltages generated by the module from affecting the car supply network. MOTOR DRIVER APPLICATION D1 T1 T2 BATTERY RBO DEVICE MOTOR CONTROL MOTOR Filter In this application, one half of the motor drive circuit is supplied through the “RBO” and is thus protected as per its basic function application. The second part is connected directly to the “car supply network” and is protected as follows : - For positive surges : T2 (clamping phase) and D1 in forward-biased. - For negative surges : T1 (clamping phase) and T2 in forward-biased. |