| データシートサーチシステム |
|
RBO40-40T データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RBO40-40T データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() RBO40-40G / RBO40-40T 3/10 Symbol Test Conditions Value Unit Min. Typ. Max. VF13 IF =40A 1.9 V VF13 IF = 20A 1.45 V VF13 IF =1A 1V VF13 IF = 100 mA 0.95 V C13 F = 1MHz VR=0V 3000 pF ELECTRICAL CHARACTERISTICS : DIODE D1 (- 40°C < Tamb < + 85°C) Symbol Parameter VRM31/VRM32 Stand-off voltage Transil T1 / Transil T2. VBR31/VBR32 Breakdown voltage Transil T1 / Transil T2. IR31/IR32 Leakage current Transil T1 / Transil T2. VCL31/VCL32 Clamping voltage Transil T1 / Transil T2. VF13 Forward voltage drop Diode D1. IPP Peak pulse current. αT Temperature coefficient of VBR. C31/C32 Capacitance Transil T1 / Transil T2. C13 Capacitance of Diode D1 Symbol Test Conditions Value Unit Min. Typ. Max. VBR 31 IR =1mA 22 35 V VBR 31 IR = 1 mA, Tamb = 25°C 24 32 V IRM 31 VRM =20V 100 µA IRM 31 VRM =20V,Tamb = 25°C 10 µA VCL 31 IPP = 37.5A, Tj initial = 25°C 10/1000µs 40 V α T Temperature coefficient of VBR 910 -4/°C C 31 F = 1MHz VR =0 V 3000 pF ELECTRICAL CHARACTERISTICS : TRANSIL T1 (- 40°C < Tamb < + 85°C) Symbol Test Conditions Value Unit Min. Typ. Max. VBR 32 IR =1mA 22 35 V VBR 32 IR = 1 mA, Tamb = 25°C 24 32 V IRM 32 VRM =20V 100 µA IRM 32 VRM =20V,Tamb = 25°C 10 µA VCL 32 IPP = 20 A (note 1) 40 V α T Temperature coefficient of VBR 910 -4/°C C32 F = 1MHz VR =0V 8000 pF Note 1 : One pulse, see pulse definition in load dump test generator circuit. ELECTRICAL CHARACTERISTICS : TRANSIL T2 (- 40°C < Tamb < + 85°C) |