データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP3378 データシート(PDF) 22 Page - Monolithic Power Systems

部品番号 MP3378
部品情報  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378 データシート(HTML) 22 Page - Monolithic Power Systems

Back Button MP3378 Datasheet HTML 17Page - Monolithic Power Systems MP3378 Datasheet HTML 18Page - Monolithic Power Systems MP3378 Datasheet HTML 19Page - Monolithic Power Systems MP3378 Datasheet HTML 20Page - Monolithic Power Systems MP3378 Datasheet HTML 21Page - Monolithic Power Systems MP3378 Datasheet HTML 22Page - Monolithic Power Systems MP3378 Datasheet HTML 23Page - Monolithic Power Systems MP3378 Datasheet HTML 24Page - Monolithic Power Systems MP3378 Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
22
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical to reduce EMI
noise. For best results, refer to Figure 9 (boost
driver layout) and Figure 10 (buck converter
layout) and follow the guidelines below:
Boost Driver Layout (see Figure 9)
1) Make the loop from the external MOSFET
(M1), through the output diode (D1) and the
output capacitors (C2, C3) as small and short
as possible as they carry a high-frequency
pulse current.
2) Separate the power ground and signal ground
and then connect PGND and GND together
as all logic signals refer to the signal ground.
This reduces the noise affection.
Buck Converter Layout (see Figure 10)
1) Keep the connection of the input ground and
GND2 (PGND) as short and wide as possible.
2) Keep the connection of the input capacitors
(C16, C16A, and C17) and VIN2 as short and
wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
4) Route SW away from sensitive analog areas
such as FB.
5) Connect a resistor (R23) to AGND as SYN is
sensitive to noise. Otherwise SCP may fail,
and the buck converter may be damaged.
6) Connect GND1 and GND2 together by a
single point.
Figure 9
—Recommended boost driver layout
Figure 10
—Recommneded buck converter layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25