データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PLC データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 PLC
部品情報  Accessories for the PLC INTERFACE Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC データシート(HTML) 2 Page - PHOENIX CONTACT

  PLC Datasheet HTML 1Page - PHOENIX CONTACT PLC Datasheet HTML 2Page - PHOENIX CONTACT PLC Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLC ACCESSORIES
103153_00_en
PHOENIX CONTACT
2
ZB 6 Zack Marker Strip
The ZB marker system provides logical and clear
identification of the modular terminal blocks and
INTERFACE modules. Multipartite ZB strips can be
conveniently split at any point. They are available with
horizontal and vertical labeling (see CLIPLINE catalog).
Other pitches and labels are available on request.
Unprinted ZB strips can be labeled individually using a
plotter or by hand.
Ordering Data
Zack Marker Strip
Description
Type
Order No.
Pcs./Pck.
Zack marker strip, unprinted:
10-section, for individual labeling with TML (EX9,5)R TR, X-PEN or CMS-P1
PLOTTER, each pack provides enough strips to label
100 PLC INTERFACE modules
As above, but large pack; each pack provides enough strips to label
1000 PLC INTERFACE modules
ZB 6: UNBEDRUCKT
ZB 6/WH-100: UNBEDRUCKT
1051003
5060935
10
100
Zack marker strip, printed horizontally:1
10-section, with consecutive numbers
1 Ten identically labeled strips make up one unit pack (Pcs./Pck.).
1 - 10
11 - 20
...
991 - 1000
ZB 6, LGS: FORTL. ZAHLEN
ZB 6, LGS: 1-10
ZB 6, LGS: 11-20
...
ZB 6, LGS: 991-1000
1051032
10
Zack marker strip, printed horizontally:1
9-section, with numbers 1 - 9
1 - 9 ZB 6, LGS: 1-9
1051126
10
Zack marker strip, printed horizontally:1
10-section, with identical numbers
1/1/1
2/2/2
...
100/100/100
ZB 6, LGS: GLEICHE ZAHLEN
ZB 6, LGS: 1
ZB 6, LGS: 2
...
ZB 6, LGS: 100
1051032
10
Zack marker strip, printed horizontally:1
10-section
L1, L2, L3, N, PE, L1, L2, L3, N, PE
U, V, W, N,
6, U, V, W, N, 6
ZB 6, LGS: L1-N, PE
ZB 6, LGS: U-N
1051414
1051430
10
10
Zack marker strip, printed vertically:1
10-section, with consecutive numbers
1 - 10
11 - 20
...
991 - 1000
ZB 6, QR: FORTL. ZAHLEN
ZB 6, QR:
1-10
ZB 6, QR: 11-20
...
ZB 6, QR: 991-1000
1051029
10
Zack marker strip, printed vertically:1
10-section, with identical numbers
1/1/1
2/2/2
...
100/100/100
ZB 6, QR: GLEICHE ZAHLEN
ZB 6, QR: 1
ZB 6, QR: 2
...
ZB 6, QR: 100
1051045
10
Zack marker strip, printed vertically:1
10-section, with PLC input numbers, e.g., I 0.0 to I 0.7 (up to I 127.7, maximum)
ZB 6, QR: SPS EINGANG...2
2 Specify desired labeling when placing an order.
1051456
10
Zack marker strip, printed vertically:1
10-section, with PLC output numbers e.g., O 0.0 to O 0.7 (up to O 127.7, maximum)
ZB 6, QR: SPS AUSGANG...2
1051443
10
Zack marker strip with special labeling:
10-section, can be separated, labeled according to customer requirements
ZB 6: SO/CMS...3
3 Specify desired labeling and color when placing an order.
1050499
1
Horizontal labeling (LGS):
Vertical labeling (QR):
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3