データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DDZ8V2C データシート(PDF) 7 Page - Diodes Incorporated

部品番号 DDZ8V2C
部品情報  SURFACE MOUNT PRECISION ZENER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ8V2C データシート(HTML) 7 Page - Diodes Incorporated

  DDZ8V2C Datasheet HTML 1Page - Diodes Incorporated DDZ8V2C Datasheet HTML 2Page - Diodes Incorporated DDZ8V2C Datasheet HTML 3Page - Diodes Incorporated DDZ8V2C Datasheet HTML 4Page - Diodes Incorporated DDZ8V2C Datasheet HTML 5Page - Diodes Incorporated DDZ8V2C Datasheet HTML 6Page - Diodes Incorporated DDZ8V2C Datasheet HTML 7Page - Diodes Incorporated DDZ8V2C Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DDZ5V1B - DDZ43
Document number: DS30407 Rev. 20 - 2
7 of 8
www.diodes.com
December 2017
© Diodes Incorporated
DDZ5V1B - DDZ43
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD123
c
He
E
b
D
All
7°
Al
l R0.10
0
L
A
A1
All
R0.10
0
All 7°
SOD123
Dim
Min
Max
Typ
A
1.00
1.35
1.05
A1
0.00
0.10
0.05
b
0.52
0.62
0.57
c
0.10
0.15
0.11
D
1.40
1.70
1.55
E
2.55
2.85
2.65
He
3.55
3.85
3.65
L
0.25
0.40
0.30
a
0º
8º
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD123
Y
X
X1
Dimensions Value (in mm)
X
0.900
X1
4.050
Y
0.950
Note:
The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These
dimensions may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering
and is calculated by adding 0.2 mm to the „Z‟ dimension. For further information, please reference document IPC-7351A, Naming Convention for
Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances
between device Terminals and PCB tracking.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com