データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3749 データシート(PDF) 2 Page - Microsemi Corporation

部品番号 2N3749
部品情報  PNP POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3749 データシート(HTML) 2 Page - Microsemi Corporation

  2N3749 Datasheet HTML 1Page - Microsemi Corporation 2N3749 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2880, 2N3749 JAN SERIES
ELECTRICAL CHARACTERISTICS (Con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 5.0 Vdc
IC = 1.0 Adc, VCE = 2.0 Vdc
IC = 5.0 Adc, VCE = 5.0 Vdc
hFE
40
40
15
120
120
Base-Emitter Voltage Non-Saturated
VCE = 2.0 Adc, IC =1.0 Adc
VBE
1.2
Vdc
Collector-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
IC = 5.0 Adc, IB = 0.5 Adc
VCE(sat)
0.25
1.5
Vdc
Base-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
VBE(sat)
1.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 10 MHz
h
fe
3.0
12
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 50 mAdc, VCE = 5.0 Vdc, f = 1 kHz
hfe
40
140
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 ≤ f ≤ 1.0 MHz
Cobo
150
pF
SAFE OPERATING AREA
DC Tests
TC = 100
0C, t = 10 s
Test 1
VCE = 80 Vdc, IC = 80 mAdc
Test 2
VCE = 20 Vdc, IC = 1.5 Adc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2