データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A17 データシート(PDF) 1 Page - CIT Relay & Switch

部品番号 A17
部品情報  Switching capacity up
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIT [CIT Relay & Switch]
ホームページ  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A17 データシート(HTML) 1 Page - CIT Relay & Switch

  A17 Datasheet HTML 1Page - CIT Relay & Switch A17 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
A17
16.5 x 15.5 x 24.3 mm
Switching capacity up to 30A
Small size and light weight
Suitable for automobile and lamp accessories
Coil Data*
General Data*
Contact Data*
Contact Arrangement
1A = SPST N.O.
Contact Rating
20A @ 14VDC N.O.
30A @ 14VDC N.O.
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
280W
Maximum Switching Voltage
75VDC
Maximum Switching Current
30A
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
750V rms min. @ sea level initial
Contact to Contact
500V rms min. @ sea level initial
Shock Resistance
98m/s2 for 11 ms
Vibration Resistance
1.5mm double amplitude 10~55Hz
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +85oC
Solderability
260oC for 5 s
Weight
13g
Features
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
0.96W
12
15.6
150
9.0
1.2
0.96
≤10
≤5
24
31.2
600
18.0
2.4
0.96
* Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the
application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise
the operation of the relay.
R
R
Switching capacity up
Fe
R
R
R
eatures


同様の部品番号 - A17

メーカー部品番号データシート部品情報
logo
Tyco Electronics
A17 MACOM-A17 Datasheet
105Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A17 DBLECTRO-A17 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
logo
Tyco Electronics
A17 MACOM-A17 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A17 MA-COM-A17 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MA-COM-A17 Datasheet
636Kb / 3P
Cascadable Amplifier
More results

同様の説明 - A17

メーカー部品番号データシート部品情報
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
Switching capacity up to 5A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
Switching capacity up to 6A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com