データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A31CCP12VDC2R データシート(PDF) 3 Page - CIT Relay & Switch

部品番号 A31CCP12VDC2R
部品情報  Large switching capacity up to 80A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIT [CIT Relay & Switch]
ホームページ  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A31CCP12VDC2R データシート(HTML) 3 Page - CIT Relay & Switch

  A31CCP12VDC2R Datasheet HTML 1Page - CIT Relay & Switch A31CCP12VDC2R Datasheet HTML 2Page - CIT Relay & Switch A31CCP12VDC2R Datasheet HTML 3Page - CIT Relay & Switch A31CCP12VDC2R Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 3
A3
Dimensions - A3F
Units = mm
28.65
[1.13]
Ø5.60
[.22]
9.70
[.38]
26.20
[1.03]
32.00
[1.26]
42.50
[1.67]
6.35 TYP
[.250]
.80TYP
[.032]
11.60 TYP
[.46]
21.90
[.86]
29.05
[1.14]
21.90
[.86]
27.50
[1.08]
2X 11.60
[.46]
3X 9.53
[.375]
3X 1.27
[.050]
2X 6.35
[.250]
3X 15.60
[.61]
43.60
[1.72]
2X .80
[.032]
Ø5.60
[.22]
32.00
[1.26]
9.50
[.37]
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with Quick Connects
Dimensions - A3M
Units = mm
Ø5.50
[.22]
15.00
[.59]
10.75
[.42]
28.65
[1.13]
26.20
[1.03]
6.35 TYP
[.250]
.80TYP
[.032]
11.60 TYP
[.46]
32.85
[1.29]
43.10
[1.70]
28.65
[1.13]
15.00
[.59]
10.95
[.43]
2X 11.60
[.46]
3X 9.53
[.375]
2X .80
[.032]
3X 1.27
[.050]
2X 6.35
[.250]
3X 15.60
[.61]
32.85
[1.29]
44.60
[1.76]
27.50
[1.08]
Standard contacts (1) with Quick Connect
Heavy Duty contacts (2) with Quick Connects
Dimensions - A3 Heavy Duty
Units = mm
28.90
[1.14]
28.60
[1.13]
9.50 TYP
[.37]
1.65 TYP
[.06]
2X 8.40
[.33]
17.90
[.70]
8.40
[.33]
8.40
[.33]
27.55
[1.08]
2X 1.50
[.06]
31.60
[1.24]
28.40
[1.12]
28.40
[1.12]
27.55
[1.08]
2X 6.35
[.250]
3X 9.53
[.375]
2X .80
[.032]
3X 1.27
[.050]
2X 11.60
[.46]
3X 15.60
[.61]
Heavy Duty contacts (2) with PC Pins
Heavy Duty contacts (2) with Quick Connects



Html Pages

1 2 3 4