データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DH22U1LABRZ データシート(PDF) 2 Page - CIT Relay & Switch

部品番号 DH22U1LABRZ
部品情報  UL Approved Illuminated Pushbutton
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIT [CIT Relay & Switch]
ホームページ  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DH22U1LABRZ データシート(HTML) 2 Page - CIT Relay & Switch

  DH22U1LABRZ Datasheet HTML 1Page - CIT Relay & Switch DH22U1LABRZ Datasheet HTML 2Page - CIT Relay & Switch DH22U1LABRZ Datasheet HTML 3Page - CIT Relay & Switch DH22U1LABRZ Datasheet HTML 4Page - CIT Relay & Switch DH22U1LABRZ Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
DH22U
Dimensions
UL Approved Illuminated Pushbutton
Ø17.75
[.70]
25.00
[.98]
28.60
[1.13]
Ø25.00
[.98]
Ø20.30
[.80]
11.50 MAX
[.45]
29.10
[1.15]
2.80 TYP
[.11]
7.30 TYP
[.29]
0.50 TYP
[.02]
21.45
[.84]
2.00
[.08]
M22x1.0
25.00
[.98]
28.60
[1.13]
Ø25.00
[.98]
Ø20.30
[.80]
11.50 MAX
[.45]
21.45
[.84]
29.10
[1.15]
0.50 TYP
[.02]
2.80 TYP
[.11]
7.30 TYP
[.29]
(2X) 7.90
[.31]
Ø17.75
[.70]
Ø13.50
[.53]
2.00
[.08]
M22x1.0
ILLUMINATED RING
A - Flush Actuator, Non-illuminated
B - Flush Actuator, Ring Illuminated
LED 1
LED 2
3
2
1
+
-
+
-
1
2
3
4
5
6
LED 1
LED 2
5.50
[.22]
13.08
[.51]
10.00
[.39]
1
2
LED(+)
3
4 5
6
LED(-)
Ø22.00
[.87]
SPDT
DPDT
Bottom View
Panel Cut-Out
Schematics



Html Pages

1 2 3 4 5