| データシートサーチシステム |
|
AT45DB321C データシート(PDF) 27 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB321C データシート(HTML) 27 Page - ATMEL Corporation |
|
27 / 37 page ![]() 27 AT45DB321C [Preliminary] 3387B–DFLSH–9/04 Detailed Bit-level Read Timing – RapidS Serial Interface Mode 3 Continuous Array Read (Opcode: E8H) Main Memory Page Read (Opcode: D2H) Buffer Read (Opcode: D4H or D6H) SI 1 1X X X CS SO SCK 12 63 64 65 66 67 HIGH IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 BIT 0 OF PAGE n+1 BIT 4223 OF PAGE n LSB MSB tSU tV DATA OUT SI 1 1 0 10 XX X CS SO SCK 12345 61 62 63 64 65 66 67 XX HIGH IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 68 SI 1 1 0 10 XX X CS SO SCK 12345 37 38 39 40 41 42 43 XX HIGH IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 44 |