| データシートサーチシステム |
|
DH22U1LABB12 データシート(PDF) 2 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
DH22U1LABB12 データシート(HTML) 2 Page - CIT Relay & Switch |
|
2 / 5 page ![]() www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 Specifications and availability subject to change without notice. Dimensions shown in mm. Dimensions are shown for reference purposes only. page 2 DH22U Dimensions UL Approved Illuminated Pushbutton Ø17.75 [.70] 25.00 [.98] 28.60 [1.13] Ø25.00 [.98] Ø20.30 [.80] 11.50 MAX [.45] 29.10 [1.15] 2.80 TYP [.11] 7.30 TYP [.29] 0.50 TYP [.02] 21.45 [.84] 2.00 [.08] M22x1.0 25.00 [.98] 28.60 [1.13] Ø25.00 [.98] Ø20.30 [.80] 11.50 MAX [.45] 21.45 [.84] 29.10 [1.15] 0.50 TYP [.02] 2.80 TYP [.11] 7.30 TYP [.29] (2X) 7.90 [.31] Ø17.75 [.70] Ø13.50 [.53] 2.00 [.08] M22x1.0 ILLUMINATED RING A - Flush Actuator, Non-illuminated B - Flush Actuator, Ring Illuminated LED 1 LED 2 3 2 1 + - + - 1 2 3 4 5 6 LED 1 LED 2 5.50 [.22] 13.08 [.51] 10.00 [.39] 1 2 LED(+) 3 4 5 6 LED(-) Ø22.00 [.87] SPDT DPDT Bottom View Panel Cut-Out Schematics |