データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATF1504ASL データシート(PDF) 9 Page - ATMEL Corporation

部品番号 ATF1504ASL
部品情報  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL データシート(HTML) 9 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 5Page - ATMEL Corporation ATF1504ASL Datasheet HTML 6Page - ATMEL Corporation ATF1504ASL Datasheet HTML 7Page - ATMEL Corporation ATF1504ASL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation ATF1504ASL Datasheet HTML 10Page - ATMEL Corporation ATF1504ASL Datasheet HTML 11Page - ATMEL Corporation ATF1504ASL Datasheet HTML 12Page - ATMEL Corporation ATF1504ASL Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
ATF1504AS(L)
0950N–PLD–07/02
All pin transitions are ignored until the PD pin is brought low. When the power-down fea-
ture is enabled, the PD1 or PD2 pin cannot be used as a logic input or output. However,
the pin’s macrocell may still be used to generate buried foldback and cascade logic
signals.
All power-down AC characteristic parameters are computed from external input or I/O
pins, with Reduced Power Bit turned on. For macrocells in reduced-power mode
(reduced-power bit turned on), the reduced-power adder, tRPA, must be added to the
AC parameters, which include the data paths tLAD,tLAC,tIC,tACL,tACH and tSEXP.
The ATF1504AS macrocell also has an option whereby the power can be reduced on a
per macrocell basis. By enabling this power-down option, macrocells that are not used
in an application can be turned-down, thereby reducing the overall power consumption
of the device.
Each output also has individual slew rate control. This may be used to reduce system
noise by slowing down outputs that do not need to operate at maximum speed. Outputs
default to slow switching, and may be specified as fast switching in the design file.
Design Software
Support
ATF1504AS designs are supported by several industry-standard third-party tools. Auto-
mated fitters allow logic synthesis using a variety of high level description languages
and formats.
Power-up Reset
The ATF1504AS is designed with a power-up reset, a feature critical for state machine
initialization. At a point delayed slightly from VCC crossing VRST, all registers will be ini-
tialized, and the state of each output will depend on the polarity of its buffer. However,
due to the asynchronous nature of reset and uncertainty of how VCC actually rises in the
system, the following conditions are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving
the clock pin high, and,
3.
The clock must remain stable during T
D.
The ATF1504AS has two options for the hysteresis about the reset level, V
RST,Small
and Large. During the fitting process users may configure the device with the Power-up
Reset hysteresis set to Large or Small. Atmel POF2JED users may select the Large
option by including the flag “-power_reset” on the command line after “filename.POF”.
To allow the registers to be properly reinitialized with the Large hysteresis option
selected, the following condition is added:
4.
If VCC falls below 2.0V, it must shut off completely before the device is turned on
again.
When the Large hysteresis option is active, ICC is reduced by several hundred micro-
amps as well.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF1504AS fuse pat-
terns. Once programmed, fuse verify is inhibited. However, the 16-bit User Signature
remains accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com