| データシートサーチシステム |
|
ATS665LSG データシート(PDF) 6 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS665LSG データシート(HTML) 6 Page - Allegro MicroSystems |
|
6 / 18 page ![]() ATS665LSG TRUE ZERO-SPEED GEAR TOOTH SENSOR Start-up Detection: Since the sensor powers up in the OFF state (logic high output), the first edge seen by the sensor can be missed if the switching induced by that edge reinforces the OFF state. Therefore, the first edge that can be guaranteed to induce an output transition is the second detected edge. This device has accurate first electrical falling edge detection. The tables below show various start-up schemes. MECHANICAL TARGET PROFILE SENSOR OUTPUT (Start-up over Valley) MAGNETIC PROFILE (High over Tooth) SENSOR OUTPUT (Start-up over Tooth) SENSOR OUTPUT (Start-up over Rising Edge) SENSOR OUTPUT (Start-up over Falling Edge) Sensor start-up location High over Tooth MECHANICAL TARGET PROFILE SENSOR OUTPUT (Start-up over Valley) MAGNETIC PROFILE (Low over Tooth) SENSOR OUTPUT (Start-up over Tooth) SENSOR OUTPUT (Start-up over Rising Edge) SENSOR OUTPUT (Start-up over Falling Edge) Sensor start-up location Low over Tooth Final Version, Rev 1.0; DSD; 01Aug03 Page 6 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright © 1993, 1995 Allegro MicroSystems, Inc. |